title scale date dr dwg rev the information contained in this document is proprietary to e-switch and is not to be copied or transferred sheet of rev pcr no description date by 400awmdp1r1blkvs2re 2:1 4/13/2006 T450306 a ct 1 1 pos. 1 pos. 2 pos. 3 switch function none on on 2-3, 5-6 n/a 2-1, 5-4 note: 1. all dimensions in mm [inch] 2. general tolerance: x.x=0.4 x.xx=0.25 3. terminal numbers for ref only 4. plating material: gold 5. rating: 0.4volt-amps max. @20v ac or dc max. 6. electric life: 30,000 make-and-break cycles at full load. 7. insulation resist ance: 1,000 mega-ohm min. 8. dielectric strength: 1,000 v rms @sea level. 9. operating temp.: -30c to 85c 10. denotes critical parameter. 11. 2002/95/ec (rohs) compliant a 15956 released for production 4/13/06 ct 2 13 5 46 cuircut: dpdt 7.62 [.300 in] 14.60 [.575 in] 6.42 [.253 in] 12.26 [.483 in] 17.02 [.670 in] .40 [.016 in] .51 [.020 in] 2.54 [.100 in] 10.16 [.400 in] 10.11 [.398 in] 9.30 [.366 in] .76 [.030 in] 5.08 [.200 in] 3.30 [.130 in] 10.16 [.400 in] 5.08 [.200 in] 2.54 [.100 in] 2.54 [.100 in] 2.54 [.100 in] n 1.09 [.043 in] p.c. mounting
|